Part Number Hot Search : 
SK372 WM8762 100CA 1DF0Q39 DS1267 BAV99 1N823 MCH3219
Product Description
Full Text Search
 

To Download LAM-1641-R33J-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Molded Inductor
Dimensions
(LAM-1641 Series)
10.4 0.5 (B)
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
0.65 0.05 dia
4.11 0.2 (A)
64.0 2.0
(Not to scale)
Dimensions in mm
Part Numbering Guide
LAM - 1641 - R15 K - T
Dimensions
A, B, (inch conversion)
Packaging Style
B=Bulk T=Tape & Reel F=Flat Pack
Inductance Code
Tolerance
J=5%, K=10%, M=20%
Features
Inductance Range Tolerance Operating Temperature Construction Core Material (0.15 H to 4.70 H) Core Material (5.60 H to 1000 H) Dielectric Strength 0.15 H to 1000 H 5%, 10%, 20% -20C to +80C Unshielded Molded Epoxy Phenolic Ferrite 1000 Volts RMS
Electrical Specifications
L Code
R15 R22 R33 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150
L (H)
0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0 12.0 15.0
Q Min
50 50 45 45 50 50 50 30 33 33 33 33 33 33 33 33 45 50 50 55 65 65
Test Freq (MHz)
25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52
SRF Min (MHz)
525 450 360 310 280 250 220 200 180 160 150 135 120 110 100 90 60 55 50 45 42 40
RDC Max (Ohms)
0.03 0.055 0.09 0.12 0.135 0.15 0.22 0.29 0.42 0.50 0.65 0.95 1.20 2.00 2.3 2.6 0.32 0.5 0.6 0.9 1.1 1.4
IDC Max (mA)
2740 2020 1580 1370 1290 1220 1020 880 730 670 590 485 430 335 310 294 565 450 410 335 305 271
L Code
180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102
L (H)
18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100 120 150 180 220 270 330 390 470 560 680 820 1000
Q Min
75 75 60 65 60 55 55 55 50 50 65 65 65 65 65 65 65 65 65 65 65 65
Test Freq (MHz)
2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
SRF Min (MHz)
34 30 25 19 14.5 13 12 11 10.3 9.5 8.7 8 8 6.2 5.7 5.1 4.5 3.9 3.8 3.1 2.7 2.3
RDC Max (Ohms)
2.25 2.5 2.6 3 2.6 2.8 3 3.3 3.9 4.5 5.2 6.05 6.05 7.45 11 12 16 17.9 19.5 27 30 33
IDC Max (mA)
213 202 108 185 198 193 184 176 162 151 140 130 130 117 143 136 117 112 107 91 86 82
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LAM-1641-R33J-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X